|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Featured Products and Offers |
|
|
Datasheet |
212 - CTS 212 Rotary Switch - CTS Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 7814 | SMD 4 mm Square Sealed Rotary Switch | 1 2 | Bourns Electronic Solutions |
| 7829 | 6 mm Through-hole Sealed Rotary Switch | 1 | Bourns Electronic Solutions |
| EM14 | 14 mm Rotary Optical Encoder w/Switch | 1 2 3 4 | Bourns Electronic Solutions |
| 7813 | SMD 3 mm Square Sealed Rotary Switch | 1 2 | Bourns Electronic Solutions |
| M52348FP | WIDE FREQUENCY BAND ANALOG SWITCH | 1 2 3 4 5 More | Mitsubishi Electric Semiconductor |
| M66261FP | 6 x 5 CROSSPOINT SWITCH with MIXING FUNCTION | 1 2 3 4 5 More | Mitsubishi Electric Semiconductor |
| UAA2016 | ZERO VOLTAGE SWITCH POWER CONTROLLER | 1 2 3 4 5 More | Motorola, Inc |
| UPG181GR | GaAs MMIC DBS Twin IF Switch | 1 2 3 4 5 More | NEC |
| NJM2243 | 3-INPUT VIDEO SWITCH WITH 75OHM DRIVER | 1 2 3 4 5 | New Japan Radio |
| NJU7311A | ANALOG FUNCTION SWITCH | 1 2 3 4 5 | New Japan Radio |
Datasheet Page |
1 2 |
Link URL |
|
|