|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PBSS9110Y - 100 V, 1 A PNP low VCEsat (BISS) transistor - NXP Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PBSS9110T | 100 V 1 A PNP low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS302PD | 40 V PNP low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS5160T | 60 V 1 A PNP low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS5160DS | 60 V 1 A PNP low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS5480X | 80 V 4 A PNP low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS5350T | 50 V 3 A PNP low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS5160K | 60 V 1 A PNP low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS5250X | 50 V 2 A PNP low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS5320T | 20 V 3 A PNP low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS4160DPN | 60 V 1 A NPN/PNP low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 |
Link URL |
|
|