|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
RDX080N50 - 10V Drive Nch MOS FET - Rohm |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RDX060N60 | 10V DRIVE NCH MOS FET | 1 2 3 | Rohm |
| RDX050N50 | 10V Drive Nch MOS FET | 1 2 3 | Rohm |
| RDX045N60 | 10V Drive Nch MOS FET | 1 2 3 | Rohm |
| RDX120N50 | 10V Drive Nch MOS FET | 1 2 3 | Rohm |
| RDX100N60 | 10V Drive Nch MOS FET | 1 2 3 | Rohm |
| RHK003N06 | 4V Drive Nch MOS FET | 1 2 3 | Rohm |
| RHP020N06 | 4V Drive Nch MOS FET | 1 2 3 | Rohm |
| RSQ045N03 | 4V Drive Nch MOS FET | 1 2 3 | Rohm |
| RTR025N03 | 2.5V Drive Nch MOS FET | 1 2 3 | Rohm |
| RTR020N05 | 2.5V Drive Nch MOS FET | 1 2 3 | Rohm |
Datasheet Page |
1 2 3 |
Link URL |
|
|