![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
74ALVT16244 - 2.5V/3.3V 16-bit buffer/driver 3-State - NXP Semiconductors |
|
Click Here View 74ALVT16244 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| SN74LVCH16374A | 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS | Texas Instruments |
| 74ABT16245B | 16-bit bus transceiver 3-state | NXP Semiconductors |
| 74ALVCH162245 | 16-bit bus transceiver with direction pin and 30ohm termination resistor 3-State | NXP Semiconductors |
| 74ALVT16374 | 2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State | NXP Semiconductors |
| 74LVC162244A | 16-bit buffer/line driver; with 30ohm series termination resistors 5V input/output tolerant 3-State | NXP Semiconductors |
| 74LVT16240A | 3.3V LVT 16-bit inverting buffer/driver 3-State | NXP Semiconductors |
| 54AC16245 | 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS | Texas Instruments |
| SN54ABT16373A | 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS | Texas Instruments |
| SN54AHCT16245 | 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS | Texas Instruments |
| SN54LVT16952 | 3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS | Texas Instruments |
Link URL |
|
|
Related keyword |
| 74ALVT16244 Datasheet | 74ALVT16244 Cross Reference | 74ALVT16244 Schematic | 74ALVT16244 Distributor | 74ALVT16244 Datenblatt | 74ALVT16244 RoHS |
| 74ALVT16244 Equivalent | 74ALVT16244 Application Notes | 74ALVT16244 Data Sheet | 74ALVT16244 component | 74ALVT16244 Fiche Technique | 74ALVT16244 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |