|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Datasheet |
ZY1 - Zener Diodes - Vishay Siliconix |
|
Click ZY1 to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 1SMA5913BT3 | PLASTIC SURFACE MOUNT ZENER DIODES 1.5 WATTS 3.3-68 VOLTS | Motorola, Inc |
| RD120S | ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD | NEC |
| MMSZ5221B | SURFACE MOUNT SILICON ZENER DIODES | Pan Jit International Inc. |
| CDLL3016B | 1 WATT ZENER DIODES | Compensated Deuices Incorporated |
| ZMM1 | 0.5W SILICON PLANAR ZENER DIODES | Shanghai Lunsure Electronic Tech |
| 1N5913A | SILICON ZENER DIODES | EIC discrete Semiconductors |
| SZ553J | SURFACE MOUNT SILICON ZENER DIODES | EIC discrete Semiconductors |
| 1N746 | ZENER DIODES | General Semiconductor |
| BZY97-C11 | ZENER DIODES | General Semiconductor |
| MMBZ4681 | ZENER DIODES | General Semiconductor |
Link URL |
|
|
Related keyword |
| ZY1 Datasheet | ZY1 Cross Reference | ZY1 Schematic | ZY1 Distributor | ZY1 Datenblatt | ZY1 RoHS |
| ZY1 Equivalent | ZY1 Application Notes | ZY1 Data Sheet | ZY1 component | ZY1 Fiche Technique | ZY1 Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |