Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      MABACT0051(1)    MABACT0055(1)    MABACT0056(2)    MABACT0059(4)

Featured Products and Offers


Datasheet

    MABACT0056 - 1:1 Transmission Line Transformer 4.5-2000MHz - Tyco Electronics

Page

Part No. MABACT0056
Description  1:1 Transmission Line Transformer 4.5-2000MHz
Download  MABACT0056 Click to view
File Size   109.72 Kbytes / 3 Pages
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MABACT00691:1 Transmission Line Transformer with tertiary winding 50-1200MHz 1 2 3 Tyco Electronics
ETC1-1-13E-Series RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz 1 2 Tyco Electronics
MABA-007159-000000RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz 1 2 Tyco Electronics
MABA-007731-CT19801:1 Transmission Line Transformer 50-2150MHz 1 2 3 Tyco Electronics
MABACT00101:1 Transmission line Transformer 4.5 - 3000 MHz 1 2 Tyco Electronics
MABACT00131:1 Transmission Line Transformer 50 - 2150 MHz 1 2 3 Tyco Electronics
MABACT00591:1 Transmission Line Transformer 4.5 - 3000MHz 1 2 3 Tyco Electronics
MABACT00391:1 Transmission Line Transformer 5-3000MHz 1 2 3 Tyco Electronics
MABA-007327-CT1A401:1 Tx Line Balun Transformer 4.5-3000MHz 1 2 3 Tyco Electronics
ETC16-4-2-3E-Series RF 1:4 Transmission Line Step-up Transformer 500 - 2500 MHz 1 2 Tyco Electronics

Datasheet Page

1 2 3


Link URL

Related keyword

  MABACT0056 Datasheet   MABACT0056 Cross Reference   MABACT0056 Schematic   MABACT0056 Distributor   MABACT0056 Datenblatt   MABACT0056 RoHS
  MABACT0056 Equivalent   MABACT0056 Application Notes   MABACT0056 Data Sheet   MABACT0056 component   MABACT0056 Fiche Technique   MABACT0056 Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl