|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MABACT0012 - 1:1 Flux Coupled Transformer 0.3 - 200 MHz - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ETC1-1T | E-Series RF 1:1 Flux Coupled Transformer 0.3 - 200 MHz | 1 2 | Tyco Electronics |
| MABACT0036 | 1:1 Flux Coupled Transformer 0.3 - 200 MHz | 1 2 3 | Tyco Electronics |
| MABAES0060 | E-Series RF 1:1 Flux Coupled Transformer 0.3 - 200 MHz | 1 2 3 | Tyco Electronics |
| MABA-007532-CF18A0 | 1:1 Flux Coupled Transformer 5-50 MHz | 1 2 3 | Tyco Electronics |
| MABACT0018 | 1:4 RF flux coupled step-up transformer 5.0 - 200 MHz | 1 2 3 | Tyco Electronics |
| ETC4-1-2 | E-Series RF 1:4 Flux Coupled Step-up Transformer 2.0 - 800 MHz | 1 2 | Tyco Electronics |
| MABACT0011 | 1:4 Flux Coupled Step up Transformer 1 - 350 MHz | 1 2 | Tyco Electronics |
| ETC4-1 | E-Series RF 1:4 Flux Coupled Step-up Transformer 1-350 MHz | 1 2 | Tyco Electronics |
| MABACT0035 | Broadband CATV Flux coupled Transformer 1 - 350 MHz | 1 2 3 4 | Tyco Electronics |
| MABA-008182-CF1160 | 1:1 Flux Coupled Balun Transformer 5-120MHz | 1 2 3 | Tyco Electronics |
Datasheet Page |
1 2 |
Link URL |
|
|