Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      MABACT0010(2)    MABACT0011(2)    MABACT0012(2)    MABACT0013(1)    MABACT0017(1)    MABACT0018(2)

Featured Products and Offers


Datasheet

    MABACT0010 - 1:1 Transmission line Transformer 4.5 - 3000 MHz - Tyco Electronics

Page

Part No. MABACT0010
Description  1:1 Transmission line Transformer 4.5 - 3000 MHz
Download  MABACT0010 Click to view
File Size   246.69 Kbytes / 2 Pages
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ETC1-1-13E-Series RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz 1 2 Tyco Electronics
MABA-007159-000000RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz 1 2 Tyco Electronics
MABACT00341:1 Tx Line Balun Transformer 4.5 - 3000 MHz 1 2 3 Tyco Electronics
MABACT00131:1 Transmission Line Transformer 50 - 2150 MHz 1 2 3 Tyco Electronics
MABACT00591:1 Transmission Line Transformer 4.5 - 3000MHz 1 2 3 Tyco Electronics
ETC1.6-4-2-3E-Series RF 1:4 Transmission Line Step-up Transformer 500 - 2500 MHz 1 2 Tyco Electronics
MABACT00691:1 Transmission Line Transformer with tertiary winding 50-1200MHz 1 2 3 Tyco Electronics
MABA-007236-C16423E-Series RF 1:4 Transmission Line Step-up Transformer 500 - 2500 MHz 1 2 Tyco Electronics
MABAES0054E-Series 4:1 Transmission Line Transformer 5.00 - 1000.00 MHz 1 2 3 Tyco Electronics
MABA-007731-CT19801:1 Transmission Line Transformer 50-2150MHz 1 2 3 Tyco Electronics

Datasheet Page

1 2


Link URL

Related keyword

  MABACT0010 Datasheet   MABACT0010 Cross Reference   MABACT0010 Schematic   MABACT0010 Distributor   MABACT0010 Datenblatt   MABACT0010 RoHS
  MABACT0010 Equivalent   MABACT0010 Application Notes   MABACT0010 Data Sheet   MABACT0010 component   MABACT0010 Fiche Technique   MABACT0010 Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl