|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MABA-007766-CF28A0TR - 1.5:1 Flux Coupled Transformer 5-350MHz - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MABAES0040 | E-Series RF 2:1 Flux Coupled Transformer 1.0 - 350 MHz | 1 2 | Tyco Electronics |
| MABAES0060 | E-Series RF 1:1 Flux Coupled Transformer 0.3 - 200 MHz | 1 2 3 | Tyco Electronics |
| ETC1-1T | E-Series RF 1:1 Flux Coupled Transformer 0.3 - 200 MHz | 1 2 | Tyco Electronics |
| MABA-007532-CF18A0 | 1:1 Flux Coupled Transformer 5-50 MHz | 1 2 3 | Tyco Electronics |
| ETC4-1-2 | E-Series RF 1:4 Flux Coupled Step-up Transformer 2.0 - 800 MHz | 1 2 | Tyco Electronics |
| MABA-007819-CF48A0 | 4:1 RF Flux Coupled Transformer 5-200MHz | 1 2 3 | Tyco Electronics |
| ETC4-1 | E-Series RF 1:4 Flux Coupled Step-up Transformer 1-350 MHz | 1 2 | Tyco Electronics |
| MABA-008182-CF1160 | 1:1 Flux Coupled Balun Transformer 5-120MHz | 1 2 3 | Tyco Electronics |
| MABAES0008 | E-Series RF 1:4 Flux Coupled Stepup Transformer | 1 2 | Tyco Electronics |
| MABACT0011 | 1:4 Flux Coupled Step up Transformer 1 - 350 MHz | 1 2 | Tyco Electronics |
Datasheet Page |
1 2 3 |
Link URL |
|
|
Related keyword |
| MABA-007766-CF28A0TR Datasheet | MABA-007766-CF28A0TR Cross Reference | MABA-007766-CF28A0TR Schematic | MABA-007766-CF28A0TR Distributor | MABA-007766-CF28A0TR Datenblatt | MABA-007766-CF28A0TR RoHS |
| MABA-007766-CF28A0TR Equivalent | MABA-007766-CF28A0TR Application Notes | MABA-007766-CF28A0TR Data Sheet | MABA-007766-CF28A0TR component | MABA-007766-CF28A0TR Fiche Technique | MABA-007766-CF28A0TR Circuit |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |