Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      MABA-007766-CF28A0(4)

Featured Products and Offers


Datasheet

    MABA-007766-CF28A0 - 1.5:1 Flux Coupled Transformer 5-350MHz - Tyco Electronics

Page

Part No. MABA-007766-CF28A0
Description  1.5:1 Flux Coupled Transformer 5-350MHz
Download  MABA-007766-CF28A0 Click to view
File Size   71.49 Kbytes / 3 Pages
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MABAES0040E-Series RF 2:1 Flux Coupled Transformer 1.0 - 350 MHz 1 2 Tyco Electronics
MABAES0060E-Series RF 1:1 Flux Coupled Transformer 0.3 - 200 MHz 1 2 3 Tyco Electronics
ETC1-1TE-Series RF 1:1 Flux Coupled Transformer 0.3 - 200 MHz 1 2 Tyco Electronics
MABA-007532-CF18A01:1 Flux Coupled Transformer 5-50 MHz 1 2 3 Tyco Electronics
ETC4-1-2E-Series RF 1:4 Flux Coupled Step-up Transformer 2.0 - 800 MHz 1 2 Tyco Electronics
MABA-007819-CF48A04:1 RF Flux Coupled Transformer 5-200MHz 1 2 3 Tyco Electronics
ETC4-1E-Series RF 1:4 Flux Coupled Step-up Transformer 1-350 MHz 1 2 Tyco Electronics
MABA-008182-CF11601:1 Flux Coupled Balun Transformer 5-120MHz 1 2 3 Tyco Electronics
MABAES0008E-Series RF 1:4 Flux Coupled Stepup Transformer 1 2 Tyco Electronics
MABACT00111:4 Flux Coupled Step up Transformer 1 - 350 MHz 1 2 Tyco Electronics

Datasheet Page

1 2 3


Link URL

Related keyword

  MABA-007766-CF28A0 Datasheet   MABA-007766-CF28A0 Cross Reference   MABA-007766-CF28A0 Schematic   MABA-007766-CF28A0 Distributor   MABA-007766-CF28A0 Datenblatt   MABA-007766-CF28A0 RoHS
  MABA-007766-CF28A0 Equivalent   MABA-007766-CF28A0 Application Notes   MABA-007766-CF28A0 Data Sheet   MABA-007766-CF28A0 component   MABA-007766-CF28A0 Fiche Technique   MABA-007766-CF28A0 Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl