|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MAAPSS0107TR-3000 - 3.6 V, 0.5 W, RF Power Amplifier IC for DECT 1800 - 2000 MHz - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PBL40309 | 3.6 V Differential Power Amplifier for DECT Telecommunications system | 1 2 3 4 5 More | Ericsson |
| MAAM-007219 | 3.6 V 450 mW DECT RF Power Amplifier IC 1880 - 1900 MHz | 1 2 3 4 | Tyco Electronics |
| UAA2067G | Image reject 1800 MHz transceiver for DECT applications | 1 2 3 4 5 More | NXP Semiconductors |
| MAPLST1820-090CF | RF Power Field Effect Transistor LDMOS 1800 - 2000 MHz 90W 26V | 1 2 3 4 | Tyco Electronics |
| PA2001 | Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz | 1 | Tyco Electronics |
| PA2003 | Ultra Linear Driver Amplifier 1800 to 2000 MHz | 1 2 | Tyco Electronics |
| MA02203AD | 3.6 V 450 mW DECT RF Power Amplifier IC | 1 2 3 4 5 | Tyco Electronics |
| BFP136W | NPN Silicon RF Transistor For power amplifier in DECT and PCN systems | 1 2 3 4 5 More | Siemens Semiconductor Group |
| 2SC3218-M | NPN SILICON EPITAXIAL TRANSISTOR FOR 860 MHZ WIDEBAND POWER AMPLIFIER INDUSTRIAL USE | 1 2 3 | NEC |
| MAAPSS0071 | DECT Power Amplifier 1880 - 1930 MHz | 1 2 3 4 5 | Tyco Electronics |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|