Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAPGM0040 Datasheet (PDF) - Tyco Electronics

MAAPGM0040 Datasheet PDF - Tyco Electronics
Part # MAAPGM0040
Download  MAAPGM0040 Download

File Size   215.77 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 11.0-15.0 GHz 0.5 W Power Amplifier

MAAPGM0040 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAPGM0040 Datasheet PDF - Tyco Electronics

Part # MAAPGM0040
Download  MAAPGM0040 Click to download

File Size   215.77 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 11.0-15.0 GHz 0.5 W Power Amplifier

MAAPGM0040 Datasheet (HTML) - Tyco Electronics

MAAPGM0040 Datasheet HTML 1Page - Tyco Electronics MAAPGM0040 Datasheet HTML 2Page - Tyco Electronics MAAPGM0040 Datasheet HTML 3Page - Tyco Electronics MAAPGM0040 Datasheet HTML 4Page - Tyco Electronics MAAPGM0040 Datasheet HTML 5Page - Tyco Electronics MAAPGM0040 Datasheet HTML 6Page - Tyco Electronics

MAAPGM0040 Product details

Description
The MAAPGM0040 is a packaged, 3-stage, 0.5W power amplifier with on-chip bias networks in a bolt down ceramic package, allowing easy assembly. This product is fully matched to 50 ohms on both the input and output. It can be used as a power amplifier stage or as a driver stage in high power applications.
Fabricated using M/A-COM’s repeatable, high performance and highly reliable GaAs Multifunction Self-Aligned Gate MESFET Process, each device is 100% RF tested on wafer to ensure performance compliance.

Features
♦ 0.5 Watt Saturated Output Power Level
♦ Variable Drain Voltage (4-10V) Operation
♦ MSAG™ MESFET Process

Primary Applications
♦ Point-to-Point Radio
♦ Weather Radar
♦ Airborne Radar




Similar Part No. - MAAPGM0040

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0041 MACOM-MAAPGM0041 Datasheet
216Kb / 5P
   Amplifier, Power, 1.3W 11.5 - 15.0 GHz
MAAPGM0041-DIE MACOM-MAAPGM0041-DIE Datasheet
257Kb / 6P
   1.3W X/Ku-Band Power Amplifier 11.0-15.0 GHz
MAAPGM0042-DIE MACOM-MAAPGM0042-DIE Datasheet
424Kb / 6P
   1.2W X/Ku-Band Power Amplifier 11.5-16.0 GHz
MAAPGM0044-DIE MACOM-MAAPGM0044-DIE Datasheet
255Kb / 5P
   Amplifier, Power, 0.5W 11.5-16.5 GHz
MAAPGM0046-DIE MACOM-MAAPGM0046-DIE Datasheet
295Kb / 6P
   400mW Ku-Band Power Amplifier (15.5-18.0 GHz)
More results


Similar Description - MAAPGM0040

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0041-DIE MACOM-MAAPGM0041-DIE Datasheet
257Kb / 6P
   1.3W X/Ku-Band Power Amplifier 11.0-15.0 GHz
logo
Qorvo, Inc
QPA1010 QORVO-QPA1010 Datasheet
1Mb / 26P
   zzzzzzzzz7.9 ??11.0 GHz 15 W GaN Power Amplifier
May 2021
QPA1011D QORVO-QPA1011D Datasheet
982Kb / 26P
   7.9 ??11.0 GHz 25 W GaN Power Amplifier
May 2021
QPA1010D QORVO-QPA1010D Datasheet
1Mb / 26P
   7.9 ??11.0 GHz 15 W GaN Power Amplifier
April 2, 2021
logo
Tyco Electronics
AM52-0024 MACOM-AM52-0024 Datasheet
352Kb / 6P
   0.5 W, 2.4 GHz Power Amplifier
logo
Cree, Inc
CMPA801B025 CREE-CMPA801B025 Datasheet
2Mb / 14P
   25 W, 8.5 - 11.0 GHz, GaN MMIC, Power Amplifier
CMPA801B025D CREE-CMPA801B025D Datasheet
439Kb / 7P
   25 W, 8.0 - 11.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA901A035F WOLFSPEED-CMPA901A035F Datasheet
1Mb / 22P
   35 W, 9.0 - 11.0 GHz, GaN MMIC, Power Amplifier
Rev 0.4 April 2021
logo
Cree, Inc
CMPA801B030S CREE-CMPA801B030S Datasheet
4Mb / 17P
   7.9 - 11.0 GHz, 40 W, Packaged GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA801B030S WOLFSPEED-CMPA801B030S Datasheet
4Mb / 17P
   7.9 - 11.0 GHz, 40 W, Packaged GaN MMIC Power Amplifier
Rev. 1.0, 2022-12-15
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com