Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAP-000074-SMB001 Datasheet (PDF) - Tyco Electronics

MAAP-000074-SMB001 Datasheet PDF - Tyco Electronics
Part # MAAP-000074-SMB001
Download  MAAP-000074-SMB001 Download

File Size   187.41 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Amplifier, Power, 8W 2.0-8.0 GHz

MAAP-000074-SMB001 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAP-000074-SMB001 Datasheet PDF - Tyco Electronics

Part # MAAP-000074-SMB001
Download  MAAP-000074-SMB001 Click to download

File Size   187.41 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Amplifier, Power, 8W 2.0-8.0 GHz

MAAP-000074-SMB001 Datasheet (HTML) - Tyco Electronics

MAAP-000074-SMB001 Datasheet HTML 1Page - Tyco Electronics MAAP-000074-SMB001 Datasheet HTML 2Page - Tyco Electronics MAAP-000074-SMB001 Datasheet HTML 3Page - Tyco Electronics MAAP-000074-SMB001 Datasheet HTML 4Page - Tyco Electronics MAAP-000074-SMB001 Datasheet HTML 5Page - Tyco Electronics

MAAP-000074-SMB001 Product details

Description
The MAAP-000074-PED000 is a 2-stage 8W power amplifier with on-chip bias networks, eutettically mounted on a 10-mil thick Copper Molybdenum (CuMo) pedestal. This product is fully matched to 50 ohms on both the input and output. It can be used as a power amplifier stage or as a driver stage in high power applications.

Features
♦ 8 Watt Saturated Output Power Level
♦ Eutectically mounted to Heat Spreader
    ♦ Next level integration is a Silver Epoxy-Based Process
♦ Variable Drain Voltage (6-10V) Operation
♦ MSAG™ Process



Similar Part No. - MAAP-000074-SMB001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000074-SMB001 MACOM-MAAP-000074-SMB001 Datasheet
426Kb / 8P
   Amplifier, Power, 8W 2.0-8.0 GHz
More results


Similar Description - MAAP-000074-SMB001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000074-PED000 MACOM-MAAP-000074-PED000 Datasheet
426Kb / 8P
   Amplifier, Power, 8W 2.0-8.0 GHz
MAAPGM0074-DIE MACOM-MAAPGM0074-DIE Datasheet
517Kb / 7P
   Amplifier, Power, 8W 2.0-8.0 GHz
logo
Teledyne Technologies I...
ACP8039 TELEDYNE-ACP8039 Datasheet
97Kb / 1P
   2.0-8.0 GHz COUGARPAK AMPLIFIER
ACP8037 TELEDYNE-ACP8037 Datasheet
102Kb / 1P
   2.0-8.0 GHz COUGARPAK AMPLIFIER
ACP8036 TELEDYNE-ACP8036 Datasheet
96Kb / 1P
   2.0-8.0 GHz COUGARPAKAMPLIFIER
logo
M/A-COM Technology Solu...
MAAM28000-A1 MA-COM-MAAM28000-A1 Datasheet
127Kb / 3P
   Wide Band GaAs MMIC Amplifier 2.0 - 8.0 GHz
MAAM28000 MA-COM-MAAM28000 Datasheet
221Kb / 4P
   Wide Band GaAs MMIC Amplifier 2.0 - 8.0 GHz
logo
TriQuint Semiconductor
AP562 TRIQUINT-AP562_15 Datasheet
503Kb / 8P
   3.3-3.8 GHz WiMAX 8W Power Amplifier
AP561 TRIQUINT-AP561_09 Datasheet
1Mb / 15P
   0.7-2.9 GHz WiMAX 8W Power Amplifier
AP561-F TRIQUINT-AP561-F_15 Datasheet
1Mb / 17P
   0.7-2.9 GHz 8W HBT Power Amplifier
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com