|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
152240-0110GB - 2mm X 2mm Wiremount Socket - 3M Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 3473-6000 | 3M Pak 100 Wiremount Socket | 1 2 3 | 3M Electronics |
| 3490-5 | 100 X 100 Wiremount Socket | 1 | 3M Electronics |
| 20690 | SOCKET ASSY 2MM 12-14 AWG. HIGH CURRENT | 1 | Vicor Corporation |
| 3573-1000 | 3M D Ribbon Wiremount Socket | 1 2 3 4 | 3M Electronics |
| 89110-0001HA | 3M Pak 100 Preassembled Wiremount Socket | 1 2 3 | 3M Electronics |
| MA18A-32DA-2DSE | MA18 series is a 2mm pitch FFC socket connector developed for miniature HDD and main port connection | 1 2 3 | Hirose Electric |
| MIC2287 | 1.2MHz PWM White LED Driver with OVP in 2mm à 2mm MLF⢠and Thin SOT-23 | 1 2 3 4 5 More | Micrel Semiconductor |
| 555-5XXX | 2mm LED CBI Circuit Board Indicator Quad Top View | 1 2 3 | Dialight Corporation |
| MIC2561 | PCMCIA Card Socket VCC & VPP Switching Matrix | 1 2 3 4 5 More | Micrel Semiconductor |
| PCI6420 | DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER WITH DEDICATED SD/MS-PRO SOCKETS | 1 2 3 4 5 More | Texas Instruments |
Datasheet Page |
1 2 3 |
Link URL |
|
|