|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
3811 - 050 Color Coded Flat Cable - 3M Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 3603 | 050 Jacketed Flat Cable | 1 2 | 3M Electronics |
| 3709 | 050 Round Conductor Flat Cable | 1 2 | 3M Electronics |
| DS90CR583 | LVDS 24-Bit Color Flat Panel Display FPD Linkâ65 MHz | 1 2 3 4 5 More | National Semiconductor |
| SFR16R-1 | 0.8nn FLEX CIRCUIT/FLAT CABLE/CIC SURFLOK SFR SERIES | 1 2 3 4 | List of Unclassifed Manufacturers |
| 3659 | 3M Round Shielded/Jacketed Flat Cable | 1 2 3 | 3M Electronics |
| 3749 | 025 Round Conductor Flat Cable | 1 2 | 3M Electronics |
| 3754 | Round Conductor Flat Cable | 1 2 3 | 3M Electronics |
| 3849 | 033 Round Conductor Flat Cable | 1 2 | 3M Electronics |
| DS90CF561 | LVDS 18-Bit Color Flat Panel Display FPD Link | 1 2 3 4 5 More | National Semiconductor |
| FH19-4S-0.5SH | 0.5mm pitch 0.9mm above the board Flexible Printed Circuit & Flexible Flat Cable Connectors | 1 2 3 4 5 More | Hirose Electric |
Datasheet Page |
1 2 |
Link URL |
|
|