Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT863D Datasheet (PDF) - NXP Semiconductors

74ABT863D Datasheet PDF - NXP Semiconductors
Part # 74ABT863D
Download  74ABT863D Download

File Size   103.3 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 9-bit bus transceiver 3-State

74ABT863D Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT863D Datasheet PDF - NXP Semiconductors

Part # 74ABT863D
Download  74ABT863D Click to download

File Size   103.3 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 9-bit bus transceiver 3-State

74ABT863D Datasheet (HTML) - NXP Semiconductors

Back Button 74ABT863D Datasheet HTML 1Page - NXP Semiconductors 74ABT863D Datasheet HTML 2Page - NXP Semiconductors 74ABT863D Datasheet HTML 3Page - NXP Semiconductors 74ABT863D Datasheet HTML 4Page - NXP Semiconductors 74ABT863D Datasheet HTML 5Page - NXP Semiconductors 74ABT863D Datasheet HTML 6Page - NXP Semiconductors 74ABT863D Datasheet HTML 7Page - NXP Semiconductors 74ABT863D Datasheet HTML 8Page - NXP Semiconductors 74ABT863D Datasheet HTML 9Page - NXP Semiconductors 74ABT863D Datasheet HTML 10Page - NXP Semiconductors Next Button 

74ABT863D Product details

DESCRIPTION
The 74ABT863 bus transceiver provides high performance bus interface buffering for wide data/address paths of buses carrying parity.
The 74ABT863 9-bit bus transceiver has NOR-ed transmit and receive output enables for maximum control flexibility.

FEATURES
• Provides high performance bus interface buffering for wide data/address paths or buses carrying parity
• Buffered control inputs for light loading, or increased fan-in as required with MOS microprocessors
• Output capability: +64mA/–32mA
• Latch-up protection exceeds 500mA per Jedec Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015 and 200 V per Machine Model
• Power-up 3-State
• Live insertion/extraction permitted
• Inputs are disabled during 3-State mode




Similar Part No. - 74ABT863D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT861 PHILIPS-74ABT861 Datasheet
100Kb / 10P
   10-bit bus transceiver 3-State
1998 Jan 16
74ABT861D PHILIPS-74ABT861D Datasheet
100Kb / 10P
   10-bit bus transceiver 3-State
1998 Jan 16
74ABT861DB PHILIPS-74ABT861DB Datasheet
100Kb / 10P
   10-bit bus transceiver 3-State
1998 Jan 16
74ABT861N PHILIPS-74ABT861N Datasheet
100Kb / 10P
   10-bit bus transceiver 3-State
1998 Jan 16
74ABT861PW PHILIPS-74ABT861PW Datasheet
100Kb / 10P
   10-bit bus transceiver 3-State
1998 Jan 16
More results


Similar Description - 74ABT863D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC863A TI-SN74LVC863A Datasheet
137Kb / 9P
[Old version datasheet]   9-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74BCT29864B TI1-SN74BCT29864B Datasheet
176Kb / 7P
[Old version datasheet]   9-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ABT16245B(1) PHILIPS-74ABT16245B(1)_15 Datasheet
154Kb / 15P
   16-bit bus transceiver; 3-state
Rev. 4-19 August 2014
74ABT861 PHILIPS-74ABT861 Datasheet
100Kb / 10P
   10-bit bus transceiver 3-State
1998 Jan 16
logo
Nexperia B.V. All right...
74ABT16245B-Q100 NEXPERIA-74ABT16245B-Q100 Datasheet
186Kb / 14P
   16-bit bus transceiver; 3-state
logo
NXP Semiconductors
74ABT16245B PHILIPS-74ABT16245B Datasheet
80Kb / 11P
   16-bit bus transceiver 3-state
1998 Feb 25
logo
Nexperia B.V. All right...
74ABT16245B NEXPERIA-74ABT16245B Datasheet
215Kb / 12P
   16-bit bus transceiver; 3-state
Rev. 6 - 14 July 2021
logo
Texas Instruments
SN74ALS29863 TI1-SN74ALS29863_15 Datasheet
145Kb / 8P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALS29863 TI-SN74ALS29863 Datasheet
81Kb / 5P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com