|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
H6968S - Dual N-Channel Enhancement-Mode MOSFET (20V, 6.5A) (Battery Switch, ESD Protected) - Hi-Sincerity Mocroelectronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| H6968CTS | Dual N-Channel Enhancement-Mode MOSFET 20V 6.5A Battery Switch ESD Protected | 1 2 3 4 | Hi-Sincerity Mocroelectronics |
| TSM6866D | 20V Dual N-Channel MOSFET w/ESD Protected | 1 2 3 4 | Taiwan Semiconductor Company, Ltd |
| TSM6968D | 20V Dual N-Channel MOSFET w/ESD Protected | 1 2 3 4 5 | Taiwan Semiconductor Company, Ltd |
| TSM6968SD | 20V Dual N-Channel MOSFET w/ESD Protected | 1 2 3 4 5 | Taiwan Semiconductor Company, Ltd |
| TSM7311D | 20V Dual N-Channel MOSFET w/ESD Protected | 1 2 3 4 5 | Taiwan Semiconductor Company, Ltd |
| TSM7401 | 20V N-Channel MOSFET w/ESD Protected | 1 2 3 4 5 | Taiwan Semiconductor Company, Ltd |
| TSM3460 | 20V N-Channel MOSFET w/ESD Protected | 1 2 3 4 5 | Taiwan Semiconductor Company, Ltd |
| TSM3461 | 20V N-Channel MOSFET w/ESD Protected | 1 2 3 4 5 | Taiwan Semiconductor Company, Ltd |
| H08N02CTS | Dual N-Channel Enhancement-Mode MOSFET 20V 8A | 1 2 3 4 | Hi-Sincerity Mocroelectronics |
| H9926S | Dual N-Channel Enhancement-Mode MOSFET 20V 6A | 1 2 3 4 | Hi-Sincerity Mocroelectronics |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|