|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
3473-6000 - 3M Pak 100 Wiremount Socket - 3M Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 89110-0001HA | 3M Pak 100 Preassembled Wiremount Socket | 1 2 3 | 3M Electronics |
| 3490-5 | 100 X 100 Wiremount Socket | 1 | 3M Electronics |
| 3358-0001 | 3M Pak 100 Card-Edge | 1 2 3 | 3M Electronics |
| 99410-0016T | Pak 100 PCB 100 Ã 100 Two Row | 1 2 3 4 | 3M Electronics |
| 3573-1000 | 3M D Ribbon Wiremount Socket | 1 2 3 4 | 3M Electronics |
| 152210-0000GB | 2mm X 2mm Wiremount Socket | 1 2 3 | 3M Electronics |
| MJD122 | SILICON POWER TRANSISTORS 8 AMPERES 100 VOLTS 20 WATT | 1 2 3 4 5 More | Motorola, Inc |
| MRF275G | 150 W 28 V 500 MHz N.CHANNEL MOS BROADBAND 100 - 500 MHz RF POWER FET | 1 2 3 4 5 More | Motorola, Inc |
| MTY100N10E | TMOS POWER FET 100 AMPERES 100 VOLTS RDS on = 0.011 OHM | 1 2 3 4 5 More | Motorola, Inc |
| LM3490 | 100 mA SOT-23 Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF | 1 2 3 4 5 More | National Semiconductor |
Datasheet Page |
1 2 3 |
Link URL |
|
|