Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS78116B Datasheet (PDF) - GSI Technology

GS78116B Datasheet PDF - GSI Technology
Part # GS78116B
Download  GS78116B Download

File Size   415.51 Kbytes
Page   11 Pages
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology
Description 512K x 16 8Mb Asynchronous SRAM

GS78116B Datasheet (PDF)

Go To PDF Page Download Datasheet
GS78116B Datasheet PDF - GSI Technology

Part # GS78116B
Download  GS78116B Click to download

File Size   415.51 Kbytes
Page   11 Pages
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology
Description 512K x 16 8Mb Asynchronous SRAM

GS78116B Datasheet (HTML) - GSI Technology

Back Button GS78116B Datasheet HTML 1Page - GSI Technology GS78116B Datasheet HTML 2Page - GSI Technology GS78116B Datasheet HTML 3Page - GSI Technology GS78116B Datasheet HTML 4Page - GSI Technology GS78116B Datasheet HTML 5Page - GSI Technology GS78116B Datasheet HTML 6Page - GSI Technology GS78116B Datasheet HTML 7Page - GSI Technology GS78116B Datasheet HTML 8Page - GSI Technology GS78116B Datasheet HTML 9Page - GSI Technology GS78116B Datasheet HTML 10Page - GSI Technology Next Button 

GS78116B Product details

Description
The GS78116 is a high speed CMOS static RAM organized as 524,288-words by 16-bits. Static design eliminates the need for external clocks or timing strobes. The GS78116 operates on a single 3.3 V power supply and all inputs and outputs are TTL-compatible. The GS78116 is available in 14 mm x 22 mm BGA package.

Features
• Fast access time: 10, 12, 15 ns
• CMOS low power operation: 300/250/220/180 mA at minimum cycle time
• Single 3.3 V ± 0.3 V power supply
• All inputs and outputs are TTL-compatible
• Fully static operation
• Industrial Temperature Option: –40° to 85°C
• 14 mm x 22 mm, 119-Bump, 1.27 mm Pitch Ball Grid Array package




Similar Part No. - GS78116B

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS78116AB GSI-GS78116AB Datasheet
643Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
GS78116AB-10 GSI-GS78116AB-10 Datasheet
643Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
GS78116AB-10I GSI-GS78116AB-10I Datasheet
643Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
GS78116AB-12 GSI-GS78116AB-12 Datasheet
643Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
GS78116AB-12I GSI-GS78116AB-12I Datasheet
643Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
More results


Similar Description - GS78116B

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS78116AB GSI-GS78116AB Datasheet
643Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N08L163WC2C NANOAMP-N08L163WC2C Datasheet
241Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC2A NANOAMP-N08L163WC2A Datasheet
250Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
logo
GSI Technology
GS78108AB GSI-GS78108AB Datasheet
642Kb / 11P
   1M x 8 8Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N08L163WC1C NANOAMP-N08L163WC1C Datasheet
222Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
logo
ON Semiconductor
N08L63W2A ONSEMI-N08L63W2A Datasheet
192Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
July 2008 - Rev. 8
logo
GSI Technology
GS78132B GSI-GS78132B Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS78132AB GSI-GS78132AB Datasheet
684Kb / 12P
   256K x 32 8Mb Asynchronous SRAM
logo
AMI SEMICONDUCTOR
N08M1618L1A AMI-N08M1618L1A Datasheet
195Kb / 11P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512K 횞 16 bit
More results




About GSI Technology


GSI Technology is a semiconductor company that designs, develops, and markets high-performance memory products for networking, telecommunications, and military applications. The company was founded in 1995 and is headquartered in Sunnyvale, California.

GSI Technology's products include static random-access memory (SRAM) devices, which are used for high-speed memory access in networking and telecommunications equipment, as well as in military and aerospace systems. The company's SRAMs feature low latency and high bandwidth, which makes them suitable for applications that require fast and reliable memory access.

In addition to its memory products, GSI Technology also offers customized solutions for customers with specific requirements. The company's design and development capabilities allow it to create products tailored to customer needs, including specialized memory architectures and custom packaging options.

GSI Technology has a global customer base, with products sold in North America, Asia, and Europe. The company's customers include original equipment manufacturers (OEMs) and other companies in the networking, telecommunications, military, and aerospace industries.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com