|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
XRT91L82 - 2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER - Exar Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BCM8152 | 10 GBPS TRANSCEIVER WITH 10G CLOCK BUS SKEW AND LIMITING AMPLIFIER | 1 2 | Broadcom Corporation. |
| BCM8021 | 4 CHANNEL MULTIRATE 1.0-3.2 GBPS TRANSCEIVER WITH HIGH SPEED REDUNDANCY | 1 2 | Broadcom Corporation. |
| BCM8220 | 2.488/ 2.667 GBPS ULTRA LOW POWE SONET/SDH TRANSCEIVER | 1 2 | Broadcom Corporation. |
| TLK1521 | 500 Mbps to 1.3 Gbps TRANSCEIVER | 1 2 3 4 5 More | Texas Instruments |
| PM8351 | 8-Channel 1.0-1.25 Gbps Transceiver | 1 2 3 4 | PMC-Sierra, Inc |
| ZL60301 | Parallel Fiber Optic Transceiver 4 + 4 x 2.7 Gbps | 1 2 3 4 5 More | Zarlink Semiconductor Inc |
| SPS-9140G | 3.3V / 1310 nm / 2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER | 1 2 3 4 | Opto Electronics Co,. LTD |
| PM8353 | 4-Channel 1.0-1.25 Gbps Transceiver | 1 2 3 4 | PMC-Sierra, Inc |
| TLK2521 | 1 to 2.5 Gbps TRANSCEIVER | 1 2 3 4 5 More | Texas Instruments |
| TLK2500IRCP | 1.6 Gbps to 2.5 Gbps TRANSCEIVER | 1 2 3 4 5 More | Texas Instruments |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 |
Link URL |
|
|