![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
| Shortcut : XR16L651IM(1) |
|
Click Here View XR16L651IM Datasheet |
|
||||||||||||||||||||||||||
| Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| XR16L580 | SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE | Exar Corporation |
| ST16C650A | 2.90V TO 5.5V UART WITH 32-BYTE FIFO | Exar Corporation |
| XR16C864 | 2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO | Exar Corporation |
| XR16L2751 | 2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE | Exar Corporation |
| XR16L2750 | 2.25V TO 5.5V DUART WITH 64-BYTE FIFO | Exar Corporation |
| XR16C2552 | 2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO | Exar Corporation |
| XR16L2552 | 2.25V TO 5.5V DUART WITH 16-BYTE FIFO | Exar Corporation |
| XR16L570 | SMALLEST 1.62V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE | Exar Corporation |
| ST16C654 | 2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO | Exar Corporation |
| XRT16C854 | 2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO | Exar Corporation |
| Related keyword |
| XR16L651IM Datasheet | XR16L651IM Cross Reference | XR16L651IM Schematic | XR16L651IM Distributor | XR16L651IM Datenblatt | XR16L651IM RoHS |
| XR16L651IM Equivalent | XR16L651IM Application Notes | XR16L651IM Data Sheet | XR16L651IM component | XR16L651IM Fiche Technique | XR16L651IM Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |