![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
| Shortcut : ZY3.(5) ZY30(10) ZY33(9) ZY36(9) ZY39(9) |
|
Click Here View ZY39 Datasheet |
|
||||||||||||||||||||||||||
| Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| MMSZ5221B | SURFACE MOUNT SILICON ZENER DIODES | Pan Jit International Inc. |
| ZMM1 | 0.5W SILICON PLANAR ZENER DIODES | Shanghai Lunsure Electronic Tech |
| 1N5913A | SILICON ZENER DIODES | EIC discrete Semiconductors |
| SZ553J | SURFACE MOUNT SILICON ZENER DIODES | EIC discrete Semiconductors |
| ZMM5225 | SILICON PLANAR ZENER DIODES | GOOD-ARK Electronics |
| 1N3016B | Silicon 1 WATT Zener Diodes | Microsemi Corporation |
| 1N5985 | SILICON 500 mW ZENER DIODES | Microsemi Corporation |
| SMBG5913 | SILICON 1.5 WATT ZENER DIODES SURFACE MOUNT | Microsemi Corporation |
| ZMY47 | SILICON PLANAR POWER ZENER DIODES | Continental Device India Limited |
| 2EZ2.7D10 | SILICON ZENER DIODES | EIC discrete Semiconductors |
| Related keyword |
| ZY39 Datasheet | ZY39 Cross Reference | ZY39 Schematic | ZY39 Distributor | ZY39 Datenblatt | ZY39 RoHS |
| ZY39 Equivalent | ZY39 Application Notes | ZY39 Data Sheet | ZY39 component | ZY39 Fiche Technique | ZY39 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |