|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CJD3439 - NPN SILICON PLASTIC HIGH VOLTAGE POWER TRANSISTORS - Continental Device India Limited |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RCA9228A | 50-A COMPLEMENTARY HIGH CURRENT MEDIUM VOLTAGE NPN AND PNP SILICON DARLINGTON POWER TRANSISTORS | 1 2 3 4 | List of Unclassifed Manufacturers |
| 2N6497 | High Voltage NPN Silicon Power Transistors | 1 2 3 4 5 More | ON Semiconductor |
| ZTX656 | NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTORS | 1 2 | Zetex Semiconductors |
| 2N6497 | HIGH VOLTAGE NPN SILICON POWER TRANSISTORS | 1 2 3 4 | Boca Semiconductor Corporation |
| CSD1426F | NPN HIGH VOLTAGE SILICON POWER TRANSISTORS | 1 2 3 | Continental Device India Limited |
| MJW18020 | NPN Silicon Power Transistors High Voltage Planar | 1 2 3 4 5 More | ON Semiconductor |
| 2N3583 | 5 Amp 250V High Voltage NPN Silicon Power Transistors | 1 2 3 | Microsemi Corporation |
| BUV46 | HIGH VOLTAGE NPN SILICON POWER TRANSISTORS | 1 2 3 4 | STMicroelectronics |
| 2N3584 | 5 Amp 375V High Voltage NPN Silicon Power Transistors | 1 2 3 | Microsemi Corporation |
| 2N3585 | 5 Amp 500V High Voltage NPN Silicon Power Transistors | 1 2 3 | Microsemi Corporation |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|