|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CPC1135N - 4-Pin SOP OptoMOS Relays - Clare, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CPC1117N | 4-Pin SOP OptoMOS Relay | 1 2 3 | Clare, Inc. |
| CPC1130N | 4-Pin SOP OptoMOS Relay | 1 2 3 4 5 | Clare, Inc. |
| CPC1231N | 4-Pin SOP OptoMOS Relay | 1 2 3 4 5 | Clare, Inc. |
| CPC1017N | 4 Pin SOP OptoMOS Relays | 1 2 3 4 5 More | Clare, Inc. |
| CPC1150N | 4 Pin SOP OptoMOS Relays | 1 2 3 4 5 More | Clare, Inc. |
| CPC1002N | 4-Pin SOP OptoMOS Relay | 1 2 3 | Clare, Inc. |
| CPC1018N | 4-Pin SOP OptoMOS Relay | 1 2 3 4 5 | Clare, Inc. |
| PS7206-1A | 4-PIN SOP 0.6 W LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET | 1 2 3 4 5 More | NEC |
| AQY14 | GU General Use Type SOP Series 1- Channel Form B 4-Pin Type | 1 2 3 | Nais(Matsushita Electric Works) |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|