|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BF321CR6-28V-BP - Single Contact Type Miniature BaseLED Lamps - LEDTRONICS, INC |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 5SB206 | DOUBLE CONTACT TYPE MINIATURE BASELED LAMPS | 1 | List of Unclassifed Manufacturers |
| 5SB206CR6-28V-BP | Double Contact Type Miniature BaseLED Lamps | 1 | LEDTRONICS, INC |
| G53AD-DC110 | Miniature Type Heavy contact load up to 4000VA | 1 2 | List of Unclassifed Manufacturers |
| SLP-9118B-51 | ø3.1mm red contact type LED lamp | 1 2 3 4 | Sanyo Semicon Device |
| CM1183 | RP-11 Single Contact Bayonet Base | 1 | Chicago Miniature Lamp,inc |
| UC3804X | Single Color PI 3 Flush Mount Round Shape Type | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| CSMA3 | SMA Straight Connectors Direct Solder Cable Conductor used as Center Contact Type for Semi-Rigid Cable | 1 | ITT Industries |
| GL2PR6 | ø2mm Convex Type Colored Diffusion LED Lamps for Indicator | 1 2 3 4 | Sharp Electrionic Components |
| GL5PR43 | ø5mm T-1 3/4 Cylinder Type Colorless Transparency LED Lamps for Indicator | 1 2 3 4 | Sharp Electrionic Components |
| MPS-65 | 65W Single Output Medical Type | 1 2 | Total Power International |
Datasheet Page |
1 |
Link URL |
|
|