|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SP8M2 - 4V Drive Nch Pch MOSFET - Rohm |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RTU002P02 | 2.5V Drive Pch MOSFET | 1 2 3 | Rohm |
| RSQ035N03 | 4V Drive Nch MOSFET | 1 2 3 | Rohm |
| RSS085N05 | 4V Drive Nch MOSFET | 1 2 3 4 5 | Rohm |
| FY4AEJ-03 | HIGH-SPEED SWITCHING USE Nch/Pch POWER MOSFET | 1 2 3 4 5 More | Renesas Technology Corp |
| ZXMN3B04N8 | 30V N-CHANNEL ENHANCEMENT MODE MOSFET 2.5V GATE DRIVE | 1 2 3 4 5 More | Zetex Semiconductors |
| RTQ020N03 | 2.5V Drive Nch MOS FET | 1 2 3 | Rohm |
| RDX080N50 | 10V Drive Nch MOS FET | 1 2 3 | Rohm |
| RSM002P03 | 4V Drive Pch MOS FET | 1 2 3 | Rohm |
| FK16KM-5 | Nch POWER MOSFET HIGH-SPEED SWITCHING USE | 1 2 3 4 5 | Powerex Power Semiconductors |
| FK20UM-5 | Nch POWER MOSFET HIGH-SPEED SWITCHING USE | 1 2 3 4 5 | Powerex Power Semiconductors |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|