Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APM2054N Datasheet (PDF) - Anpec Electronics Coropration

APM2054N Datasheet PDF - Anpec Electronics Coropration
Part # APM2054N
Download  APM2054N Download

File Size   206.82 Kbytes
Page   11 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description N-Channel Enhancement Mode MOSFET

APM2054N Datasheet (PDF)

Go To PDF Page Download Datasheet
APM2054N Datasheet PDF - Anpec Electronics Coropration

Part # APM2054N
Download  APM2054N Click to download

File Size   206.82 Kbytes
Page   11 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description N-Channel Enhancement Mode MOSFET

APM2054N Datasheet (HTML) - Anpec Electronics Coropration

Back Button APM2054N Datasheet HTML 1Page - Anpec Electronics Coropration APM2054N Datasheet HTML 2Page - Anpec Electronics Coropration APM2054N Datasheet HTML 3Page - Anpec Electronics Coropration APM2054N Datasheet HTML 4Page - Anpec Electronics Coropration APM2054N Datasheet HTML 5Page - Anpec Electronics Coropration APM2054N Datasheet HTML 6Page - Anpec Electronics Coropration APM2054N Datasheet HTML 7Page - Anpec Electronics Coropration APM2054N Datasheet HTML 8Page - Anpec Electronics Coropration APM2054N Datasheet HTML 9Page - Anpec Electronics Coropration APM2054N Datasheet HTML 10Page - Anpec Electronics Coropration Next Button 

APM2054N Product details

Features

• 20V/5A,RDS(ON)= 35mW (typ.) @  VGS=  10V

            RDS(ON)= 45mW (typ.) @  VGS= 4.5V

            RDS(ON)= 1 10mW (typ.) @ VGS= 2.5V

• Super High  Dense Cell Design

• Reliable  and Rugged

• Lead Free  Available  (RoHS Compliant)



Applications

•  Switching  Regulators

• Switching  Converters



 




Similar Part No. - APM2054N

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM2054ND ANPEC-APM2054ND Datasheet
116Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM2054NDC-TR ANPEC-APM2054NDC-TR Datasheet
116Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM2054NDC-TRL ANPEC-APM2054NDC-TRL Datasheet
116Kb / 10P
   N-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
APM2054NDC-TRL VBSEMI-APM2054NDC-TRL Datasheet
1,011Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Anpec Electronics Corop...
APM2054NDC-TU ANPEC-APM2054NDC-TU Datasheet
116Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Similar Description - APM2054N

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com