|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AWL6950 - 2.4/5 GHz 802.11a/b/g WLAN Power Amplifier - ANADIGICS, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RMPA5252 | 4.9-5.9 GHz InGaP HBT WLAN Linear Power Amplifier | 1 2 3 4 5 More | Fairchild Semiconductor |
| RFSP2023 | 2.4 GHz 802.11b/g WLAN Power Amplifier | 1 2 3 4 5 More | ANADIGICS, Inc |
| AWL9224 | 2.4 GHz 802.11b/g WLAN Power Amplifier | 1 2 3 4 5 More | ANADIGICS, Inc |
| AWL9924 | 2.4/5 GHz 802.11a/b/g WLAN Power Amplifier | 1 2 3 4 5 More | ANADIGICS, Inc |
| RFSP5032 | 5 GHz 802.11a WLAN Power Amplifier | 1 2 3 4 5 More | ANADIGICS, Inc |
| RMPA5255 | 4.9-5.9 GHz WLAN Linear Power Amplifier Module | 1 2 3 4 5 More | Fairchild Semiconductor |
| XP1018 | 35.0-45.0 GHz GaAs MMIC Power Amplifier | 1 2 3 4 5 More | Mimix Broadband |
| SKY65131 | WLAN Power Amplifier Module | 1 2 3 4 5 More | Skyworks Solutions Inc. |
| SKY65132 | WLAN Power Amplifier Module | 1 2 3 4 5 More | Skyworks Solutions Inc. |
| LX5510 | InGaP HBT 2.4-2.5 GHz Power Amplifier | 1 2 3 4 5 More | Microsemi Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 |
Link URL |
|
|