|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DFLT16A - 225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR - Diodes Incorporated |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| P4SMAJ | SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 4 5 | Transys Electronics |
| SMCJ50CA | 1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 | Diodes Incorporated |
| SMAJ530 | SURFACE MOUNT TRANSZORB⢠TRANSIENT VOLTAGE SUPPRESSOR | 1 2 | General Semiconductor |
| P6SMBJ65 | Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes | 1 2 3 4 | Diotec Semiconductor |
| 1KSMBJ | Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor | 1 2 3 4 | Littelfuse |
| P6SMB | Surface Mount Transient Voltage Suppressor | 1 2 3 4 | Taiwan Semiconductor Company, Ltd |
| P6SMBJ | SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 4 5 | Transys Electronics |
| SMBG | SURFACE MOUNT TRANSZORB⢠TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 4 | General Semiconductor |
| V22CH8 | Surface Mount Varistors - Transient Voltage Surge Suppressor | 1 2 3 4 5 | Littelfuse |
| SMCG | SURFACE MOUNT TRANSZORB⢠TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 4 5 | General Semiconductor |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|