|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IR91-21C - 1.9mm Round Subminiature Axial Infrared LED - Everlight Electronics Co., Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IR42-21C | 1.8MM ROUND SUBMINIATURE INFRARED LED | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| PT91-21B | 1.9mm Round Subminiature Axial Phototransistor | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| HLMP-Q106A | SOLID STATE LED LAMPS SUBMINIATURE T-1 3/4 1.9mm | 1 2 3 4 | Fairchild Semiconductor |
| PT91-21C | 1.9mm Round Subminiature | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| MT144A-RG | Axial Leaded LED Lamps | 1 | Marktech Corporate |
| PL002 | PL002 Series LED Axial Leaded | 1 2 3 | List of Unclassifed Manufacturers |
| BL-XE1361 | AXIAL LED LAMPS | 1 | Yellow Stone Corp |
| TLP550 | TOSHIBA Photocoupler Infrared LED + Photo IC | 1 2 3 4 5 More | Toshiba Semiconductor |
| TLP801A | INFRARED LED + PHOTOTRANSISTOR | 1 2 3 4 5 More | Toshiba Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|