|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FTR-K1 - 1 POLE - 16A LOW PROFILE TYPE - Fujitsu Component Limited. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| XF2L | 0.5MM PITCH LOW PROFILE TYPE | 1 | List of Unclassifed Manufacturers |
| FTR-F1 | POWER RELAY 2 POLES- 5A LOW PROFILE TYPE | 1 2 3 4 5 More | Fujitsu Component Limited. |
| 10CV10BE | Surface Mount Type Miniature Super low profile 3.9mm height | 1 | Sanyo Semicon Device |
| ALZ21B05 | 16A Low Profile Power Relay | 1 2 3 | Nais(Matsushita Electric Works) |
| FTR-H3 | SILENT POWER RELAY 1 POLE-10 A LOW PROFILE TYPE FTR-H3 SERIES | 1 2 3 4 5 More | Fujitsu Component Limited. |
| JQX115-F | 16A 1 POLE PC BOARD TYPE | 1 2 | List of Unclassifed Manufacturers |
| SIC73 | Low Profile 2.5mm max height SMD type | 1 | List of Unclassifed Manufacturers |
| SIS43 | Small Size Low Profile SMD type | 1 | List of Unclassifed Manufacturers |
| JRC-23F | LOW SIGNAL RELAYS 1 POLE PC BOARD TYPE | 1 2 3 | List of Unclassifed Manufacturers |
| XT49M | Low Profile SMD Type Crystal Units | 1 | Vishay Siliconix |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|