|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
GXOU129 - 3.3V & 5V CMOS Oscillator Tight Stability - Golledge Electronics Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MCSOFV | 3.3V CMOS Oscillator Low Jitter | 1 | Golledge Electronics Ltd |
| MCSOV | 3.3V CMOS Oscillator Mil Temp | 1 | Golledge Electronics Ltd |
| GXO3301 | 2.5 ~ 3.3V CMOS Oscillator | 1 2 | Golledge Electronics Ltd |
| GXO5331 | 3.3V CMOS Oscillator | 1 | Golledge Electronics Ltd |
| GXO7531 | 3.3V CMOS Oscillator | 1 2 | Golledge Electronics Ltd |
| GXOU113 | 3.3V & 5V CMOS Oscillator | 1 | Golledge Electronics Ltd |
| GXOU115 | 3.3V & 5V CMOS Oscillator | 1 | Golledge Electronics Ltd |
| MCSO1FV | 3.3V CMOS Oscillator Low Jitter | 1 | Golledge Electronics Ltd |
| MCSO1HV | 3.3V CMOS Oscillator Mil Temp | 1 | Golledge Electronics Ltd |
| IDT74FCT163543 | 3.3V CMOS 16-BIT LATCHED TRANSCEIVER | 1 2 3 4 5 More | Integrated Device Technology |
Datasheet Page |
1 |
Link URL |
|
|