|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
GXOU109 - 1.8 ~ 2.8V CMOS Oscillator - Golledge Electronics Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| VCC1-A3A | 1.8 2.5 3.3 5.0 volt CMOS Oscillator | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| MIL-PRF-55310 | OSCILLATOR CRYSTAL CONTROLLED TYPE 1 CRYSTAL OSCILLATOR XO 0.01 Hz THROUGH 15.0 MHz HERMETIC SEAL SQUARE WAVE CMOS | 1 2 3 4 5 | List of Unclassifed Manufacturers |
| GXO3301 | 2.5 ~ 3.3V CMOS Oscillator | 1 2 | Golledge Electronics Ltd |
| CD4060BMS | CMOS 14 Stage Ripple-Carry Binary Counter/Divider and Oscillator | 1 2 3 4 5 More | Intersil Corporation |
| GXO5331 | 3.3V CMOS Oscillator | 1 | Golledge Electronics Ltd |
| CB3 | CMOS/TTL CLOCK OSCILLATOR | 1 2 3 4 | List of Unclassifed Manufacturers |
| CD54HC4060 | High-Speed CMOS Logic 14-Stage Binary Counter with Oscillator | 1 2 3 4 5 More | Texas Instruments |
| AD8515 | 1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier | 1 2 3 4 5 More | Analog Devices |
| OT7602C1 | SM CMOS Oscillator Low Power | 1 | Golledge Electronics Ltd |
| GXO5351 | 5V CMOS Oscillator | 1 | Golledge Electronics Ltd |
Datasheet Page |
1 |
Link URL |
|
|