|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
GXOE71 - 3.3V Complementray LV-PECL Oscillator - Golledge Electronics Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MCSOFV | 3.3V CMOS Oscillator Low Jitter | 1 | Golledge Electronics Ltd |
| MCSOV | 3.3V CMOS Oscillator Mil Temp | 1 | Golledge Electronics Ltd |
| GXO-U108 | 3.3V & 5V SM OSCILLATOR | 1 | List of Unclassifed Manufacturers |
| GXO3301 | 2.5 ~ 3.3V CMOS Oscillator | 1 2 | Golledge Electronics Ltd |
| K1536BLC | 3.3V 9x11mm Surface Mount Voltage Controlled Crystal Oscillator | 1 2 | MTRONPTI |
| GXO5331 | 3.3V CMOS Oscillator | 1 | Golledge Electronics Ltd |
| MCSO1V | 3.3V SM Oscillator Mil Temp | 1 | List of Unclassifed Manufacturers |
| GXO7531 | 3.3V CMOS Oscillator | 1 2 | Golledge Electronics Ltd |
| GXOL71 | 3.3V LVDS Oscillator | 1 | Golledge Electronics Ltd |
Datasheet Page |
1 |
Link URL |
|
|