![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
| Shortcut : YFAW200-20(1) YFAW200-21(1) YFAW200-22(1) YFAW200-23(1) YFAW200-24(1) YFAW200-25(1) YFAW200-26(1) YFAW200-27(1) YFAW200-28(1) YFAW200-29(1) |
|
Click Here View YFAW200-27 Datasheet |
|
||||||||||||||||||||||||||
| Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| YFW200 | Pin Header : 2mm pitch | YEONHO ELECTRONICS |
| YFAW025 | Pin Header : 2.5mm PITCH | YEONHO ELECTRONICS |
| YFAW254 | Pin Header : 2.54mm pitch | YEONHO ELECTRONICS |
| ULPSM | 2mm Pin Header Unshrouded Ultra Low Profile SMT | ETC |
| YFW025A | Pin Header : 2.5mm pitch | YEONHO ELECTRONICS |
| YFW254 | Pin Header : 2.54mm pitch | YEONHO ELECTRONICS |
| HPH-2540 | HIGH PROFILE PIN HEADER | ETC |
| A3B-04PA-2DSA | 2mm Pitch Miniature Connector | Hirose Electric |
| A3E-44PA-2DSA | 2mm Pitch Miniature Connector for HDD | Hirose Electric |
| DF3-2S-2R26 | 2mm Pitch Connector for Discrete Wire Connection Product approved by UL CSA Standard | Hirose Electric |
| Related keyword |
| YFAW200-27 Datasheet | YFAW200-27 Cross Reference | YFAW200-27 Schematic | YFAW200-27 Distributor | YFAW200-27 Datenblatt | YFAW200-27 RoHS |
| YFAW200-27 Equivalent | YFAW200-27 Application Notes | YFAW200-27 Data Sheet | YFAW200-27 component | YFAW200-27 Fiche Technique | YFAW200-27 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |