Datasheet Search System

Mirror site :  alldatasheet.net,   alldatasheet.co.kr
Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information
Part Name    
    Description 
Shortcut : YFAW254-10(1)  YFAW254-11(1)  YFAW254-12(1)  YFAW254-13(1)  YFAW254-14(1)  YFAW254-15(1)  YFAW254-16(1)  YFAW254-17(1)  YFAW254-18(1)  YFAW254-19(1)  

YFAW254-19 - Pin Header : 2.54mm pitch - YEONHO ELECTRONICS

Click Here View YFAW254-19 Datasheet
AddThis Social Bookmark Button

Part No.

YFAW254-19

Description

Pin Header : 2.54mm pitch

Download

YFAW254-19 Click here to View

File Size

209.99 Kbytes / 1 Pages

Maker

YEONHO [YEONHO ELECTRONICS]

Homepage

http://www.yeonho.com/


Related Electronics Part Number
Part NumberComponents DescriptionManufacturer
YFW254Pin Header : 2.54mm pitch YEONHO ELECTRONICS
YFAW025Pin Header : 2.5mm PITCH YEONHO ELECTRONICS
YFAW200Pin Header : 2mm PITCH YEONHO ELECTRONICS
YFW025APin Header : 2.5mm pitch YEONHO ELECTRONICS
YFW200Pin Header : 2mm pitch YEONHO ELECTRONICS
A1-06PA-2.54DS2.54mm Pitch High Density Connector Hirose Electric
CR22-20D-2.54DS2.54mm Pitch Card Edge Connector Hirose Electric
HIF3E-10PA-2.54DSRibbon Cable Connector Pin Header Hirose Electric
FH1-8S-2.54DS2.54mm Pitch Miniature Connector for Flexible Board Hirose Electric
HIF3F-10PA-2.54DSABox type Pin Header to Prevent Mis-insertion Hirose Electric

Link URL :
Related keyword
  YFAW254-19 Datasheet   YFAW254-19 Cross Reference   YFAW254-19 Schematic   YFAW254-19 Distributor   YFAW254-19 Datenblatt   YFAW254-19 RoHS
  YFAW254-19 Equivalent   YFAW254-19 Application Notes   YFAW254-19 Data Sheet   YFAW254-19 component   YFAW254-19 Fiche Technique   YFAW254-19 Circuit

Does ALLDATASHEET.COM help your business so far?   

All Rights Reserved© Alldatasheet.com 2003 - 2008   Contact us  Privacy Policy  Bookmark   Link Exchange  Site link  Manufacturer