Datasheet Search System

Mirror site :  alldatasheet.net,   alldatasheet.co.kr
Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information
Part Name    
    Description 
Shortcut : YFW025A-02(1)  YFW025A-03(1)  YFW025A-04(1)  YFW025A-05(1)  YFW025A-06(1)  YFW025A-07(1)  YFW025A-08(1)  YFW025A-09(1)  

YFW025A-07 - Pin Header : 2.5mm pitch - YEONHO ELECTRONICS

Click Here View YFW025A-07 Datasheet
AddThis Social Bookmark Button

Part No.

YFW025A-07

Description

Pin Header : 2.5mm pitch

Download

YFW025A-07 Click here to View

File Size

215.03 Kbytes / 1 Pages

Maker

YEONHO [YEONHO ELECTRONICS]

Homepage

http://www.yeonho.com/


Related Electronics Part Number
Part NumberComponents DescriptionManufacturer
YFAW025Pin Header : 2.5mm PITCH YEONHO ELECTRONICS
YFAW200Pin Header : 2mm PITCH YEONHO ELECTRONICS
YFAW254Pin Header : 2.54mm pitch YEONHO ELECTRONICS
YFW200Pin Header : 2mm pitch YEONHO ELECTRONICS
YFW254Pin Header : 2.54mm pitch YEONHO ELECTRONICS
MDF14A-4P-2.5DS2.5mm Pitch Board to Board Vertical Post Header Hirose Electric
DF1-2S-2.5R242.5mm Pitch Connector for Discrete Wire Connection Hirose Electric
DF1B-2S-2.5R2.5mm Pitch Connector for Discrete Wire Connection Product Compliant with UL/CSA Standard Hirose Electric
HIF3E-10PA-2.54DSRibbon Cable Connector Pin Header Hirose Electric
DF1E-02P-2.5DS2.5mm Pitch Connector for Full Lock and Discrete Wire Connection Hirose Electric

Link URL :
Related keyword
  YFW025A-07 Datasheet   YFW025A-07 Cross Reference   YFW025A-07 Schematic   YFW025A-07 Distributor   YFW025A-07 Datenblatt   YFW025A-07 RoHS
  YFW025A-07 Equivalent   YFW025A-07 Application Notes   YFW025A-07 Data Sheet   YFW025A-07 component   YFW025A-07 Fiche Technique   YFW025A-07 Circuit

Does ALLDATASHEET.COM help your business so far?   

All Rights Reserved© Alldatasheet.com 2003 - 2008   Contact us  Privacy Policy  Bookmark   Link Exchange  Site link  Manufacturer