|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
UMIL10P - 10 Watts, 28 Volts, Class AB UHF Communications 100 - 400 MHz - GHz Technology |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| UMIL100 | 100 Watts 28 Volts Class AB Defcom 225 - 400 MHz | 1 2 3 | GHz Technology |
| UMIL100A | 100 Watts 28 Volts Class AB Defcom 225 - 400 MHz | 1 2 | GHz Technology |
| UMIL10 | 100 Watts 28 Volts Class AB or C Defcom 100 - 400 MHz | 1 2 | Advanced Power Technology |
| UMIL60 | 60 Watts 28 Volts Class AB Defcom 225 - 400 MHz | 1 2 3 | GHz Technology |
| VAM40 | 40 Watts 27 Volts Class AB Defcom 100 - 150 MHz | 1 2 3 | GHz Technology |
| VAM80 | 80 Watts 27 Volts Class AB Defcom 100 - 150 MHz | 1 2 3 | GHz Technology |
| VAM120 | 120 Watts 27 Volts Class AB Defcom 100 - 150 MHz | 1 2 | GHz Technology |
| UMIL25 | 25 Watts 28 Volts Class AB Defcom 225 - 400 MHz | 1 2 3 4 | Advanced Power Technology |
| VMIL100 | 100 Watts 28 Volts Class AB Defcom 100 - 200 MHz | 1 2 | GHz Technology |
| UMIL3 | 3 Watts 28 Volts Class AB Defcom 225 - 400 MHz | 1 | Advanced Power Technology |
Datasheet Page |
1 2 3 |
Link URL |
|
|