|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DME150 - 150 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz - GHz Technology |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 1090MP | 90 Watts 50 Volts Pulsed Avionics 1025 - 1150 MHz | 1 2 3 4 | List of Unclassifed Manufacturers |
| DME500 | 500 Watts 50 Volts Pulsed Avionics 1025 - 1150 MHz | 1 2 3 | RF Micro Devices |
| 1150MP | 150 Watts 50 Volts Class C Avionics 1025 - 1150 MHz | 1 2 | Advanced Power Technology |
| DME800 | 800 Watts 50 Volts Pulsed Avionics 1025 to 1150 MHz | 1 2 3 4 | Advanced Power Technology |
| 1015MP | 15 Watts 50 Volts Avionics 1025 - 1150 MHz | 1 2 | Advanced Power Technology |
| 1035MP | 35 Watts 50 Volts Avionics 1025 - 1150 MHz | 1 2 | Advanced Power Technology |
| 1075MP | 75 Watts 50 Volts Class C Avionics 1025 - 1150 MHz | 1 2 | Advanced Power Technology |
| TAN150 | 150 Watts 50 Volts Pulsed Avionics 960 - 1215 MHz | 1 2 | GHz Technology |
| 1011LD300 | 300 Watts 32 Volts Pulsed Avionics 1030 to 1090 MHz LDMOS FET | 1 2 3 4 | Advanced Power Technology |
| TPR500 | 500 Watts 50 Volts Pulsed Avionics 1030 - 1090 MHz | 1 2 3 | GHz Technology |
Datasheet Page |
1 2 3 |
Link URL |
|
|