|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
UTV005P - 0.5 Watts, 20 Volts, Class A UHF Television - Band IV & V - Advanced Power Technology |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| UTV080 | 8 Watts 26.5 Volts Class A UHF Television - Band IV & V | 1 2 | GHz Technology |
| UTV040 | 4 Watts 25 Volts Class A UHF Television - Band IV & V | 1 2 | GHz Technology |
| UTV120 | 12 Watts 26.5 Volts Class A UHF Television - Band IV & V | 1 2 3 | GHz Technology |
| UTV020 | 2 Watts 25 Volts Class A UHF Television - Band IV & V | 1 2 | GHz Technology |
| UTV010 | 1 Watt 20 Volts Class A UHF Television - Band IV & V | 1 2 3 | GHz Technology |
| UTV100B | 100 Watts Pk 28 Volt Class AB UHF Television - Band IV & V | 1 2 | GHz Technology |
| VTV075 | 7.5 Watts 25 Volts Class A VHF Television - Band III | 1 2 3 | List of Unclassifed Manufacturers |
| UTV8100B | 100 Watts Pk 28 Volt Class AB UHF Television - Band IV & V | 1 2 3 | GHz Technology |
| UMIL10P | 10 Watts 28 Volts Class AB UHF Communications 100 - 400 MHz | 1 2 3 | GHz Technology |
| 23A008 | 0.5 WATTS 20 VOLTS CLASS A LINEAR TO 2300 MHz | 1 2 | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 |
Link URL |
|
|