|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
UMIL3 - 3 Watts, 28 Volts, Class AB Defcom 225 - 400 MHz - Advanced Power Technology |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| UMIL25 | 25 Watts 28 Volts Class AB Defcom 225 - 400 MHz | 1 2 3 4 | Advanced Power Technology |
| UMIL100 | 100 Watts 28 Volts Class AB Defcom 225 - 400 MHz | 1 2 3 | GHz Technology |
| UMIL100A | 100 Watts 28 Volts Class AB Defcom 225 - 400 MHz | 1 2 | GHz Technology |
| UMIL60 | 60 Watts 28 Volts Class AB Defcom 225 - 400 MHz | 1 2 3 | GHz Technology |
| UMIL10 | 100 Watts 28 Volts Class AB or C Defcom 100 - 400 MHz | 1 2 | Advanced Power Technology |
| 0105-50 | 50 Watts 28 Volts Class AB Defcom 100 - 500 MHz | 1 2 3 | GHz Technology |
| 0105-100 | 100 Watts 28 Volts Class AB Defcom 100 - 500 MHz | 1 2 | GHz Technology |
| 0510-50A | 50 Watts 28 Volts Class AB Defcom 500 - 1000 MHz | 1 2 | GHz Technology |
| UMIL80 | 80 Watts 28 Volts Class AB Defcom 200 - 500 MHz | 1 2 | GHz Technology |
| VAM40 | 40 Watts 27 Volts Class AB Defcom 100 - 150 MHz | 1 2 3 | GHz Technology |
Datasheet Page |
1 |
Link URL |
|
|