|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2931-150 - 150 Watts, 38 Volts, 50us, 4% Radar 2900-3100 MHz - Advanced Power Technology |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 1214-150L | 150 Watts 36 Volts 5 ms 20% Radar 1200 to 1400 MHz | 1 2 3 4 | Advanced Power Technology |
| 0910-150M | 150 Watts - 48 Volts 150us 5% Radar 890 - 1000 MHz | 1 2 3 4 | Advanced Power Technology |
| 1150MP | 150 Watts 50 Volts Class C Avionics 1025 - 1150 MHz | 1 2 | Advanced Power Technology |
| DME150 | 150 Watts 50 Volts Pulsed Avionics 1025 - 1150 MHz | 1 2 3 | GHz Technology |
| VAM40 | 40 Watts 27 Volts Class AB Defcom 100 - 150 MHz | 1 2 3 | GHz Technology |
| VAM80 | 80 Watts 27 Volts Class AB Defcom 100 - 150 MHz | 1 2 3 | GHz Technology |
| 1617-35 | 35 Watts 28 Volts Pulsed Radar 1540 - 1660 MHz | 1 | List of Unclassifed Manufacturers |
| VAM120 | 120 Watts 27 Volts Class AB Defcom 100 - 150 MHz | 1 2 | GHz Technology |
| 1214-220M | 220 Watts - 40 Volts 150ms 10% Radar 1200 - 1400 MHz | 1 2 3 4 | Advanced Power Technology |
| 1214-300 | 300 Watts - 50 Volts 100us 10% Radar 1200 1400 MHz | 1 2 3 | Advanced Power Technology |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|