|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
XD1002 - 0.05-50.0 GHz GaAs MMIC Distributed Amplifier - Mimix Broadband |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HMC261LM1 | SMT DISTRIBUTED GaAs MMIC AMPLIFIER 20 - 32 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| XD1001 | 18.0-50.0 GHz GaAs MMIC Distributed Amplifier | 1 2 3 4 5 More | Mimix Broadband |
| 22DSBA0423 | 10.0-40.0 GHz GaAs MMIC Distributed Amplifier | 1 2 3 4 5 | Mimix Broadband |
| XP1018 | 35.0-45.0 GHz GaAs MMIC Power Amplifier | 1 2 3 4 5 More | Mimix Broadband |
| MAAPSM0015 | DC-20 GHz GaAs MMIC Amplifier | 1 2 3 | Tyco Electronics |
| HMC315 | GaAs InGaP HBT MMIC DARLINGTON AMPLIFIER DC - 7.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| HMC460 | GaAs PHEMT MMIC LOW NOISE AMPLIFIER DC - 20.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| SNA-576 | DC-3 GHz Cascadable GaAs MMIC Amplifier | 1 2 3 | Stanford Microdevices |
| HMC282 | GaAs MMIC LOW NOISE AMPLIFIER 36 - 40 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| SNA-500 | DC-3 GHz Cascadable GaAs MMIC Amplifier | 1 2 3 | Stanford Microdevices |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|