Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB520 Datasheet (PDF) - Pan Jit International Inc.

SB520 Datasheet PDF - Pan Jit International Inc.
Part # SB520
Download  SB520 Download

File Size   57.52 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 5.0 Amperes)

SB520 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB520 Datasheet PDF - Pan Jit International Inc.

Part # SB520
Download  SB520 Click to download

File Size   57.52 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 5.0 Amperes)

SB520 Datasheet (HTML) - Pan Jit International Inc.

SB520 Datasheet HTML 1Page - Pan Jit International Inc. SB520 Datasheet HTML 2Page - Pan Jit International Inc.

SB520 Product details

VOLTAGE 20 to 60 Volt CURRENT 5 Ampere

FEATURES
• Plastic package has Underwriters Laboratory
   Flammability Classification 94V-O utilizing
   Flame Retardant Epoxy Molding Compound.
• For use in low voltage, high frequency inverters, free wheeling,
   and polarity protection applications.
• ESD Passed devices : Air mode 15KV, human body mode 8KV
• Lead free in comply with EU RoHS 2011/65/EU directives

MECHANICAL DATA
• Case: DO-201AD Molded plastic
• Terminals: Axial leads, solderable per MIL-STD-750,Method 2026
• Polarity: Color band denotes cathode
• Weight: 0.04 ounces, 1.142 grams




Similar Part No. - SB520

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
SB520 YEASHIN-SB520 Datasheet
432Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Transys Electronics
SB520 TRSYS-SB520 Datasheet
165Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SB520 DGNJDZ-SB520 Datasheet
449Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB520 WTE-SB520 Datasheet
63Kb / 4P
   5.0A SCHOTTKY BARRIER DIODE
logo
Diotec Semiconductor
SB520 DIOTEC-SB520 Datasheet
138Kb / 2P
   Schottky Barrier Rectifier Diodes
More results


Similar Description - SB520

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SBR520 DAESAN-SBR520 Datasheet
417Kb / 2P
   CURRENT 5.0 AMPERES VOLTAGE 20 TO 100 VOLTS
logo
GOOD-ARK Electronics
SB520 GOOD-ARK-SB520_15 Datasheet
176Kb / 2P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 5.0 Amperes
logo
Pan Jit International I...
SK52 PANJIT-SK52 Datasheet
73Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE- 20 to 100 Volts CURRENT- 5.0 Amperes)
SB1620CT PANJIT-SB1620CT Datasheet
57Kb / 2P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 16.0 Amperes)
SB320 PANJIT-SB320 Datasheet
54Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Rectron Semiconductor
SR520 RECTRON-SR520 Datasheet
24Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 5.0 Amperes)
logo
Pan Jit International I...
SB220 PANJIT-SB220 Datasheet
41Kb / 2P
   2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Rectron Semiconductor
ISR20100A RECTRON-ISR20100A Datasheet
421Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE 100 Volts CURRENT 20 Amperes
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT Datasheet
331Kb / 2P
   SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes)
SD620CT PANJIT-SD620CT Datasheet
41Kb / 2P
   SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 6.0 Amperes)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com