|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SM100F - RECTIFIER UP YO 10kV, 290mA, 300ns - Semtech Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SM40 | RECTIFIER UP YO 10kV 300mA 2.5us | 1 2 3 | Semtech Corporation |
| VBO20-08NO2 | Single Phase Rectifier Bridge - Standard and Avalanche Types | 1 2 | IXYS Corporation |
| 1863365X | Mega StarLEDs T5 16x35mm BA15d with bridge rectifier | 1 | Chicago Miniature Lamp,inc |
| KBJ2510 | 25A SINGLE PHASE SILICON BRIDGE RECTIFIER | 1 2 | List of Unclassifed Manufacturers |
| 1860345X | StarLEDs T31/4 10x25mm E10 with bridge rectifier | 1 | Chicago Miniature Lamp,inc |
| FES3A | 3 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier | 1 2 | List of Unclassifed Manufacturers |
| MBR5025L | SWITCHMODE⢠Power Rectifier | 1 2 3 4 | Motorola, Inc |
| STTH12R06 | TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER | 1 2 3 4 5 More | STMicroelectronics |
| 1860235X | StarLEDs T31/4 10x25mm BA9s with bridge rectifier | 1 | Chicago Miniature Lamp,inc |
| 8ETU04 | Ultrafast Rectifier | 1 2 3 4 5 More | International Rectifier |
Datasheet Page |
1 2 3 |
Link URL |
|
|