|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
15001TS - 1.50mm PITCH CONNECTOR - YEONHO ELECTRONICS |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| A1500 | 1.50mm pitch wire to board connector | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| 15001WS | 1.50mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| 15005WR | 1.50mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| 15001HS | 1.50mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| 15001WR | 1.50mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| 15005WS | 1.50mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| DF4-2P-2C | 2mm Pitch Connector Directly Mounted on Board | 1 2 3 4 5 More | Hirose Electric |
| FH21-5S-1DS | 1mm Pitch FPC/FFC Connector | 1 2 3 4 | Hirose Electric |
| MDF6-4DS-3.5C | 3.5mm Pitch Miniature Double Row Connector for Secondary Power Product Compliant to UL/CSA Standard | 1 2 3 4 5 | Hirose Electric |
| 10023HS | 1.00mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
Datasheet Page |
1 |
Link URL |
|
|