|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
05010HR-NNB - 0.50mm PITCH CONNECTOR - YEONHO ELECTRONICS |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 05004HR-00A01 | 0.50mm PITCH CONNECTOR | 1 | List of Unclassifed Manufacturers |
| 05002HR-00A01 | 0.50mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| 05010HR-NNA | 0.50mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| 05002HR-00A02 | 0.50mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| 05002HR-NNC | 0.50mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| 05003HR-00A01 | 0.50mm PITCH CONNECTOR | 1 2 | YEONHO ELECTRONICS |
| 05010HR-NNC | 0.50mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| DF3-2S-2R26 | 2mm Pitch Connector for Discrete Wire Connection Product approved by UL CSA Standard | 1 2 3 4 5 More | Hirose Electric |
| FH16-60S-0.3SHW | High Density FPC Connector 0.3mm/0.4mm/0.5mm Pitch | 1 2 3 4 5 More | Hirose Electric |
| HIF3FC-10PA-2.54DSA | 2.54mm Pitch Low Profile Connector | 1 2 3 4 | Hirose Electric |
Datasheet Page |
1 |
Link URL |
|
|