|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AP1608SURC - 1.6mmX0.8mm SMT LED, 1.1mm THICKNESS. - Kingbright Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AP3216F3C | 3.2mm x 1.6mm SMT LED 1.1mm Thickness | 1 2 3 4 5 | Kingbright Corporation |
| MTSM2142B-UBL | Domed Lens SMT LED | 1 2 | Marktech Corporate |
| LT1ET53A | 3.3X2.9mm 1.1mm Thickness Milky Diffusion Dichromatic Chip LED Devices | 1 2 3 4 5 | Sharp Electrionic Components |
| DG1111C | D_1111C Series Ultra Compact InGaN/SiC SMT LED | 1 2 | List of Unclassifed Manufacturers |
| MTSM2142B-UYO | Domed Lens SMT LED | 1 2 | Marktech Corporate |
| LT1ET82A | 3.3X2.9mm 1.1mm Thickness High-luminosity Dichromatic Chip LED Devices with Lens | 1 2 3 4 | Sharp Electrionic Components |
| MTSM7302AZ-UR | Z−Bend SMT LED | 1 2 | Marktech Corporate |
| LT1P53A | 3.3X2.9mm 1.1mm Thickness Milky Diffusion Chip LED Devices | 1 2 3 4 | Sharp Electrionic Components |
| MTSMJ302AZ-UO | Z−Bend SMT LED | 1 2 | Marktech Corporate |
| 6200T1 | Bright Angle Right Angle Sub-Miniature SMT LED Assemblies | 1 | Chicago Miniature Lamp,inc |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|