|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SHD852002 - 12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver - Sensitron |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TP2150B | DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER | 1 2 3 4 5 More | Tripath Technology Inc. |
| IR4426 | DUAL LOW SIDE DRIVER | 1 2 3 4 5 More | International Rectifier |
| IR1210 | DUAL LOW SIDE DRIVER | 1 2 3 4 5 | International Rectifier |
| HIP0063 | Hex Low Side MOSFET Driver with Serial or Parallel Interface and Diagnostic Fault Control | 1 2 3 4 5 More | Intersil Corporation |
| L9308 | DUAL LOW SIDE DRIVER | 1 2 3 4 5 More | STMicroelectronics |
| SHD850001 | 6A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process | 1 2 3 | Sensitron |
| SHD850003D | 3A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process | 1 2 3 | Sensitron |
| UCC27321 | SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE | 1 2 3 4 5 More | Texas Instruments |
| UCC27423 | DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE | 1 2 3 4 5 More | Texas Instruments |
| MC33287 | Contact Monitoring and Dual Low Side Protected Driver | 1 2 3 4 5 More | Motorola, Inc |
Datasheet Page |
1 2 3 |
Link URL |
|
|