|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BAT54S - SURFACT MOUNT SCHOTTKY BARRIER - Pan Jit International Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SS12 | SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 | Pan Jit International Inc. |
| BAS70 | Surface Mount Schottky Barrier Diodes | 1 2 3 4 | Vishay Siliconix |
| SR22 | MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 | Transys Electronics |
| SB820D | 8.0A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Won-Top Electronics |
| SK22 | 2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Won-Top Electronics |
| FM120M | SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere | 1 2 | Rectron Semiconductor |
| SB16-100M-SMD | DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS | 1 2 | Seme LAB |
| SS12 | SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 | Shanghai Sunrise Electronics |
| SM5820B | 3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS | 1 2 | Bytes |
| B270 | 2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 | Diodes Incorporated |
Datasheet Page |
1 2 3 |
Link URL |
|
|